PART |
Description |
Maker |
IRLL024N IRLL024NPBF IRLL024NTR |
55V Single N-Channel HEXFET Power MOSFET in a SOT-223 package HEXFET Power MOSFET(HEXFET 功率MOS场效应管) HEXFET Power MOSFET(HEXFET ???MOS?烘?搴??) 4.4 A, 55 V, 0.065 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-261AA
|
IRF[International Rectifier]
|
AM29F200BB-45EC AM29F200BB-120FC AM29F200BB-70FC A |
60V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRFZ44VZL with Lead-Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU1010Z with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; Similar to the IRL2910 in lead free packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRL3705N with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRF3205L with Standard Packaging 75V Single N-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRFR2307Z with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a I-Pak package; A IRLU7807ZCPBF with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF530NS with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a I-Pak package; A IRFU1205 with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRF530NS with Lead Free Packaging 150V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB61N15D with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF2805S with Lead-Free packaging 150V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRFSL33N15D with Standard Packaging 20V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRLU3717 with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7463 with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRLU2705 with Lead Free Packaging 20V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7457 with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a 7-Lead TO-262 package; Similar to IRF1405ZL-7P with Lead Free packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRF540NL with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRLR7811WCPBF with Standard Packaging 200V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRFS23N20D with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7834 with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRFR4105Z with Lead Free Packaging 20V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRLU3714 with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a D2Pak package; Similar to IRF8010S with Lead-Free packaging. 100V Single N-Channel Automotive HEXFET Power MOSFET in a D-Pak package; Similar to IRFR3710Z with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF3205PBF with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF3710Z with Standard Packaging 200V Single N-Channel HEXFET Power MOSFET in a TO-262 package; Similar to IRFSL17N20D with Lead Free Packaging 150V Single N-Channel HEXFET Power MOSFET in a TO-262 package; Similar to IRFSL23N15D with Lead Free Packaging x8/x16 Flash EEPROM x8/x16闪存EEPROM
|
Advanced Micro Devices, Inc.
|
IRFI9Z34N IRFI840G IRFI9Z34NPBF |
-55V Single P-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package HEXFET? Power MOSFET HEXFET Power MOSFET (-55V, 0.1ohm, -14A)
|
IRF[International Rectifier]
|
IRFR9210N IRFRU9120N IRFU9120N FR9120N |
P Channel Surface Mount HEXFET Power MOSFET(P娌??琛ㄨ创??EXFET???MOS?烘?搴??) Power MOSFET(Vdss=-100V, Rds(on)=0.48ohm, Id=-6.6A) 功率MOSFET(减振钢板基本\u003d- 100V的,的Rds(on)\u003d 0.48ohm,身份证\u003d- 6.6A P Channel Straight Lead HEXFET Power MOSFET(P沟道HEXFET功率MOS场效应管) P通道直铅HEXFET功率MOSFET的性(P沟道的HEXFET功率马鞍山场效应管) P Channel Straight Lead HEXFET Power MOSFET(P娌??HEXFET???MOS?烘?搴??)
|
IRF International Rectifier, Corp.
|
IRFBL10N60A |
N-Channel SMPS MOSFET(N娌?? 寮??妯″??垫?MOS?烘?搴??,?ㄤ?楂????C-DC杞???? HEXFET Power MOSFET HEXFET? Power MOSFET 11 A, 600 V, 0.61 ohm, N-CHANNEL, Si, POWER, MOSFET TRANSISTOR | MOSFET | N-CHANNEL | 600V V(BR)DSS | 11A I(D) | TO-263VAR
|
IRF[International Rectifier] VISHAY SILICONIX
|
IRFL024 IRFL024N IRFL024NTRPBF IRFL024NTR |
Surface Mount Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=2.8A) HEXFET? Power MOSFET Power MOSFET(Vdss=55V Rds(on)=0.075ohm Id=2.8A) N-Channel HEXFET Power MOSFET(N沟道 HEXFET 功率MOS场效应管) Advanced Process Technology
|
IRF[International Rectifier]
|
AM29F080-150EEB AM29F080-150SEB AM29F080-120FEB AM |
x8 Flash EEPROM 30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRL3303S with Lead Free Packaging 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRL3502S with Lead Free Packaging 75V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRF3808S with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; Similar to IRF3707Z with Lead Free Packaging 75V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRFS3307 with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7809AV with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR3709ZCPBF with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB59N10D with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRL2703 with Standard Packaging x8闪存EEPROM 55V Single N-Channel HEXFET Power MOSFET in a SOT-223 package; Similar to IRFL024N with Lead Free Packaging x8闪存EEPROM 100V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package; Similar to IRFI530N with Lead Free Packaging
|
Amphenol, Corp.
|
IRFIZ24N IRFIZ24NPBF |
55V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package HEXFET? Power MOSFET Power MOSFET(Vdss=55V, Rds(on)=0.07ohm, Id=14A)
|
IRF[International Rectifier]
|
IRFB18N50K |
500V Single N-Channel HEXFET Power MOSFET in a TO-220AB package HEXFET? Power MOSFET Power MOSFET(Vdss=500V, Rds(on)max=0.26ohm, Id=27A)
|
IRF[International Rectifier]
|
IRF640 IRF640PBF |
200V Single N-Channel HEXFET Power MOSFET in a TO-220AB package HEXFET? Power MOSFET Power MOSFET(Vdss=200V, Rds(on)=0.18ohm, Id=18A)
|
IRF[International Rectifier]
|
IRFPE50 IRFPE50PBF |
800V Single N-Channel HEXFET Power MOSFET in a TO-247AC package HEXFET? Power MOSFET Power MOSFET(Vdss=800V, Rds(on)=1.2ohm, Id=7.8A)
|
International Rectifier
|
IRFBG20 |
1000V Single N-Channel HEXFET Power MOSFET in a TO-220AB package HEXFET? Power MOSFET Power MOSFET(Vdss=1000V, Rds(on)=11ohm, Id=1.4A)
|
IRF[International Rectifier]
|